Part Number Hot Search : 
SA532 TM32F M37207 MA568 TD6207 SRF2070 M18BCK LCR400
Product Description
Full Text Search
 

To Download 2N5882 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor product specification silicon npn power transistors 2n5881 2N5882 description ? with to-3 package ? low collector saturation voltage ? complement to type 2n5879 2n5880 applications ? for general-purpose power amplifier and switching applications pinning pin description 1 base 2 emitter 3 collector absolute maximum ratings(ta= ?? ) symbol parameter conditions value unit 2n5881 60 v cbo collector-base voltage 2N5882 open emitter 80 v 2n5881 60 v ceo collector-emitter voltage 2N5882 open base 80 v v ebo emitter-base voltage open collector 5 v i c collector current 15 a i cm collector current-peak 30 a i b base current 5 a p d total power dissipation t c =25 ?? 160 w t j junction temperature 150 ?? t stg storage temperature -65~200 ?? thermal characteristics symbol parameter value unit r th j-c thermal resistance junction to case 1.1 ??/w fig.1 simplified outline (to-3) and symbol
inchange semiconductor product specification 2 silicon npn power transistors 2n5881 2N5882 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit 2n5881 60 v ceo(sus) collector-emitter sustaining voltage 2N5882 i c =0.2a ;i b =0 80 v v cesat-1 collector-emitter saturation voltage i c =7a;i b =0.7a 1.0 v v cesat-2 collector-emitter saturation voltage i c =15a;i b =3.75a 4.0 v v besat base-emitter saturation voltage i c =15a;i b =3.75a 2.5 v v be base-emitter on voltage i c =6a ; v ce =4v 1.5 v i cbo collector cut-off current v cb =ratedv cbo ; i b =0 0.5 ma 2n5881 v ce =30v; i b =0 i ceo collector cut-off current 2N5882 v ce =40v; i b =0 1.0 ma i cex collector cut-off current v ce =ratedv ce ; v be =1.5v t c =150 ?? 0.5 5.0 ma i ebo emitter cut-off current v eb =5v; i c =0 1.0 ma h fe-1 dc current gain i c =2a ; v ce =4v 35 h fe-2 dc current gain i c =6a ; v ce =4v 20 100 h fe-3 dc current gain i c =15a ; v ce =4v 4 f t trainsistion frequency i c =1a ; v ce =10v 4 mhz
inchange semiconductor product specification 3 silicon npn power transistors 2n5881 2N5882 package outline fig.2 outline dimensions (unindicated tolerance: ? 0.10mm)


▲Up To Search▲   

 
Price & Availability of 2N5882

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X